|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
MOUNT FUSES S URFACE MOUNT FUSES WICKMANN SMQ / No. 417/418 125V, UL 248-14, 125V, F Time-Current Characteristic Quick Acting (F) Specifications Packaging 000: Blister Tape (1000 pcs.) Standard UL 248-14 CSA C22.2 No. 248.14 Materials Housing: Element: Terminals: Ceramic Wire Copper alloy, tin plated Approvals UL Recognized: File No. E 67006 CSA Certified: File No. LR 702775 Temperature Operating Temperature -55C to +125C (consider de-rating) Features Dimensions (mm) 6,0 0,2 2,5 0,2 Stock Conditions +10C to +60C relative humidity 75% yearly average, without dew, maximum value for 30 days-95% Flame resistant ceramic housing For line or low voltage applications Low voltage drop Internationally approved V ibration Resistance 2 hrs. in each axis 10 - 55 - 10Hz at 1.5mm amplitude WebLinks Data Sheet www.wickmann.com/products/417.pdf Solderability 235C, 3 sec. (IEC 60068-2-58) 2,5 0,2 Approval Certificates www.wickmann.com/approvals Soldering Heat Resistance 260C, 10 sec. (IEC 60068-2-58) 1,4 0,2 1,4 0,2 Time-Current Curve Page 70 www.wickmann.com/itcurves Minimum Cross Section, Copper Conducting path - 0.1mm2 (417) / 0.2mm 2 (418) Path thickness - 0.035mm (417) / 0.07mm (418) Pad Layout 3,2 +0,05 3,15 +0,05 Packaging Reflow Page 118 www.wickmann.com/pack Mounting Solder the fuse with the marked side facing up Avoid circuit traces below the fuse 1,75 +0,05 3,2 +0,05 1,75 +0,05 FaxBack Document # 325 Marking , Current Rating Weight Unit Weight 3,75 +0,05 0.23g (approx.) Wave 2,8 +0,05 2,8 +0,05 Limits for Pre-arcing Time Rated Current 400mA ... 10.00A 2.0 x IRated < 60s 2.0 x IRated < 5s Permissible continuous operating current is 7 0% at ambient temperature of 23C (73.4F). Rated Amp Voltage Breaking Voltage Drop Power Dissipation Melting Integral Current Code Rating Capacity 1.0 x IRated 1.0 x IRated 10 x IRated No. 417 max. (mV) max. (mW) max. (A2s) 400mA 500mA 630mA 800mA 1.00A 1.25A 1.60A 2.00A 2.50A 3.15A 4.00A 5.00A 0400 0500 0630 0800 1100 1125 1160 1200 1250 1315 1400 1500 1630 1700 1800 2100 125V 125V 125V 125V 125V 125V 125V 125V 125V 125V 125V 125V 75V 75V 75V 75V 440 420 400 350 200 195 190 185 180 175 170 150 100 95 90 85 180 210 255 280 200 245 305 370 450 555 680 750 630 665 720 850 0.031 0.036 0.05 0.17 0.2 0.31 0.53 0.95 1.5 2.6 4.5 8.1 14 16 18 24 Approvals CSA UR 50A / 125VAC 50A / 60VDC 50-60Hz cos = 1.0 * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * No. 418 6.30A 7.00A 8.00A 10.00A for short circuit back-up protection 50A / 75VAC 50A / 60VDC 50-60Hz cos = 1.0 Order Information 000801 Qty. OrderNumber Series Amp Code Packaging WebSite: www.wickmann.com FaxBack: +1 (404) 699-6176 * Europe Tel: +49 (2302) 662-107 * Americas Tel: +1 (404) 699-7820 * Asia Tel: +852 26 14-1108 E-mail: sales@wickmann.com E-mail: service@wickmannusa.com E-mail: sales@wickmann.com.hk MOUNT FUSES SURFACE MOUNT FUSES WICKMANN SMQ / No. 417 00 Time (sec.) 000801 WebSite: www.wickmann.com FaxBack: +1 (404) 699-6176 10 0 ,0 10 ,0 0 0 1 ,0 00 10 0 10 1 0 .1 0 .0 1 0 .0 01 I-t C haracte ristic s (M in-M ax Limit) U L 2 4 8-1 4 T es t v alu e 1 1 .5 2 3 4 5 6 7 8 9 10 15 I Fault / IRated Contact WICKMANN for individual I-t curves * Europe Tel: +49 (2302) 662-107 * Americas Tel: +1 (404) 699-7820 * Asia Tel: +852 26 14-1108 E-mail: sales@wickmann.com E-mail: service@wickmannusa.com E-mail: sales@wickmann.com.hk |
Price & Availability of 4171500000 |